Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1356 Datasheet(PDF) 5 Page - ams AG

Part # AS1356
Description  Linear Low-Dropout 150mA Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1356 Datasheet(HTML) 5 Page - ams AG

  AS1356 Datasheet HTML 1Page - ams AG AS1356 Datasheet HTML 2Page - ams AG AS1356 Datasheet HTML 3Page - ams AG AS1356 Datasheet HTML 4Page - ams AG AS1356 Datasheet HTML 5Page - ams AG AS1356 Datasheet HTML 6Page - ams AG AS1356 Datasheet HTML 7Page - ams AG AS1356 Datasheet HTML 8Page - ams AG AS1356 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
4 - 13
AS1353/AS1356
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
(VIN = VOUT(Nominal) + 1V, SHDNM = IN, TAMB = -40 to +85ºC (unless otherwise specified). Typical values are at TAMB =
+25ºC. Limits are 100% production tested at TAMB = +25ºC.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
5.5
V
Output Voltage Accuracy
TAMB = +25ºC, IOUT = 100µA
-1
1
%
TAMB = -40 to +85ºC, IOUT = 100µA to 150mA
-3
3
IOUT
Maximum Output Current
150
mA
ILIM
Current Limit
160
380
mA
IQ
Ground Pin Current
IOUT = 100µA
70
180
µA
IOUT = 150mA
115
VIN -VOUT
Dropout Voltage
1
IOUT = 100µA
0.05
mV
IOUT = 50mA
20
IOUT = 100mA
40
100
IOUT = 150mA
60
ΔVLNR
Line Regulation
VIN = 2.5V or (VOUT + 0.1) to 4.5V,
IOUT = 1mA
-0.2
0
0.2
%/V
VIN = 2.5V or (VOUT + 0.1) to 5.5V,
IOUT = 1mA
-0.8
0
0.8
ΔVLDR
Load Regulation
IOUT = 100µA to 150mA, COUT = 1µF
0.001 0.02
%/mA
en
Output Voltage Noise
COUT = 1µF,
f = 10Hz to 100kHz,
CBP = 0.01µF
AS1353
30
µVRMS
COUT = 1µF,
f = 10Hz to 100kHz
AS1356
110
PSRR
Output Voltage AC
Power-Supply Rejection
Ratio
f = 100Hz, COUT = 1µF,
(CBP = 0.01µF, AS1353)
60
dB
Shutdown
2
tON
Exit Delay from
Shutdown
3
,
4
CBP = 0.01µF, no load
(AS1353)
30
150
µs
IOFF
Shutdown Supply
Current
SHDNM = GND
TAMB = +25ºC
0.01
1
µA
TAMB = +85ºC
0.04
VIH
SHDNM Input Threshold
VIN = 2.5 to 5.5V
2.0
V
VIL
0.4
ISHDNM
SHDNM Input Bias
Current
SHDNM = IN or GND
TAMB = +25ºC
0.03
100
nA
TAMB = +85ºC
0.2
Power-OK Output (AS1356 only)
VPOK
Power-OK Voltage
Threshold
IOUT = 0, VOUTFALLING
92
95
97
%
VOUT
Hysteresis, IOUT = 0
1
VOL
POK Output Voltage Low
ISINK = 1mA
0.4
V
POK Output Leakage
Current
0
≤ VPOK ≤ 5.5V, VOUT in regulation
1
µA
Thermal Protection
TSHDNM
Thermal Shutdown
Temperature
AS1353
150
ºC
AS1356
165
ΔTSHDNM
Thermal Shutdown
Hysteresis
AS1353
15
ºC
AS1356
20
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com