Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 18Page - Microchip Technology MCP1321 Datasheet HTML 19Page - Microchip Technology MCP1321 Datasheet HTML 20Page - Microchip Technology MCP1321 Datasheet HTML 21Page - Microchip Technology MCP1321 Datasheet HTML 22Page - Microchip Technology MCP1321 Datasheet HTML 23Page - Microchip Technology MCP1321 Datasheet HTML 24Page - Microchip Technology MCP1321 Datasheet HTML 25Page - Microchip Technology MCP1321 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MCP131X/2X
DS21985B-page 22
© 2007 Microchip Technology Inc.
3.1
Ground Terminal (VSS)
VSS provides the negative reference for the analog
input voltage. Typically, the circuit ground is used.
3.2
Supply Voltage (VDD)
VDD can be used for power supply monitoring or a
voltage level that requires monitoring.
3.3
Reset Output (RST and RST)
There are four types of Reset output pins. These are:
1.
Open-Drain active-low Reset, External pull-up
resistor required
2.
Open-Drain active-low Reset, Internal pull-up
resistor
3.
Push-Pull active-low Reset
4.
Push-Pull active-high Reset
Some devices have both an active-low and active-high
Reset output.
3.3.1
ACTIVE-LOW (RST) - OPEN-DRAIN,
EXTERNAL PULL-UP RESISTOR
The RST open-drain output remains low while VDD is
below the Reset voltage threshold (VTRIP). Once the
device voltage (VDD) returns to a high level (VTRIP +
VHYS), the device will remain in Reset for the Reset
delay timer (TRST). After that time expires, the RST pin
will float, and an external pull-up resistor is required to
bring the output to the high state.
3.3.2
ACTIVE-LOW (RST) - OPEN-DRAIN,
INTERNAL PULL-UP RESISTOR
The RST open-drain output remains low while VDD is
below the Reset voltage threshold (VTRIP). Once the
device voltage (VDD) returns to a high level (VTRIP +
VHYS), the device will remain in Reset for the Reset
delay timer (TRST). After that time expires, the RST pin
will be pulled high by an internal pull-up resistor (typi-
cally 4.7 k
Ω).
3.3.3
ACTIVE-LOW (RST) - PUSH-PULL
The RST push-pull output remains low while VDD is
below the Reset voltage threshold (VTRIP). Once the
device voltage (VDD) returns to a high level (VTRIP +
VHYS), the device will remain in Reset for the Reset
delay timer (TRST). After that time expires, the RST pin
will be driven to the high state.
3.3.4
ACTIVE-HIGH (RST) - PUSH-PULL
The RST push-pull output remains high while VDD is
below the Reset voltage threshold (VTRIP). Once the
device voltage (VDD) returns to a high level (VTRIP +
VHYS), the device will remain in Reset for the Reset
delay timer (TRST). After that time expires, the RST pin
will be driven to the low state.
3.4
Manual Reset Input (MR)
The Manual Reset (MR) input pin allows a push button
switch to easily be connected to the system. When the
push button is depressed, it forces a system Reset.
This pin has circuitry that filters noise that may be
present on the MR signal.
The MR pin is active-low and has an internal pull-up
resistor.
3.5
Watchdog Input
In some systems, it is desirable to have an external
Watchdog Timer to monitor the operation of the sys-
tem. This is done by requiring the embedded controller
to “pet” the Watchdog Timer within a predetermined
time frame (TWD). If the MCP131X/2X is not “petted”
within this time frame, the MCP131X/2X will force the
Reset pin(s) active.
The embedded controller “pets” the MCP131X/2X by
forcing an edge transition on the WDI pin. The WDT
Timer is activated by the first falling edge on the WDI
pin.
The standard offering devices have a typical Watchdog
Timer period (TWD) of 1.6 s. Table 1-3 shows the avail-
able Watchdog Timer periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com