Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 10Page - Microchip Technology MCP1321 Datasheet HTML 11Page - Microchip Technology MCP1321 Datasheet HTML 12Page - Microchip Technology MCP1321 Datasheet HTML 13Page - Microchip Technology MCP1321 Datasheet HTML 14Page - Microchip Technology MCP1321 Datasheet HTML 15Page - Microchip Technology MCP1321 Datasheet HTML 16Page - Microchip Technology MCP1321 Datasheet HTML 17Page - Microchip Technology MCP1321 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MCP131X/2X
DS21985B-page 14
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1316;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-16:
VTRIP and VHYST vs.
Temperature (MCP1318M-4.6).
FIGURE 2-17:
VTRIP and VHYST vs.
Temperature (MCP1319-2.9).
FIGURE 2-18:
VTRIP and VHYST vs.
Temperature (MCP1316-2.0).
FIGURE 2-19:
VOL vs. IOL
(MCP1318M-4.6).
FIGURE 2-20:
VOL vs. IOL
(MCP1319-2.9).
FIGURE 2-21:
VOL vs. IOL
(MCP1316-2.0).
4.550
4.600
4.650
4.700
4.750
4.800
-50
0
50
100
150
Temperature (°C)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
VHYST
VTRIP Down
VTRIP Up
2.880
2.900
2.920
2.940
2.960
2.980
3.000
3.020
-50
0
50
100
150
Temperature (°C)
3.0
3.1
3.1
3.2
3.2
3.3
3.3
3.4
3.4
3.5
VHYST
VTRIP Down
VTRIP Up
1.990
2.000
2.010
2.020
2.030
2.040
2.050
-50
0
50
100
150
Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VHYST
VTRIP Down
VTRIP Up
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.00
2.00
4.00
6.00
8.00
10.00
IOL (mA)
1V
2V
3V
4.3V
4.5V
4.8V
5V
5.5V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.00
2.00
4.00
6.00
8.00
10.00
IOL (mA)
1V
2.5V
2.7V
3.2V
4V
4.5V
5V
5.5V
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0.00
0.05
0.10
0.15
0.20
0.25
IOL (mA)
1V
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com