Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 23Page - Microchip Technology MCP1321 Datasheet HTML 24Page - Microchip Technology MCP1321 Datasheet HTML 25Page - Microchip Technology MCP1321 Datasheet HTML 26Page - Microchip Technology MCP1321 Datasheet HTML 27Page - Microchip Technology MCP1321 Datasheet HTML 28Page - Microchip Technology MCP1321 Datasheet HTML 29Page - Microchip Technology MCP1321 Datasheet HTML 30Page - Microchip Technology MCP1321 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 27
MCP131X/2X
4.1.1
POWER-UP/RISING VDD
As the device VDD rises, the device’s Reset circuit will
remain active until the voltage rises above the “actual”
trip point (VTRIP) plus the hysteresis (VHYS).
Figure 4-13 shows a power-up sequence and the
waveform of the RST and RST pins.
As the device powers up, the voltage will start below
the valid operating voltage of the device. At this volt-
age, the Reset output value is not valid. Once the volt-
age is above the minimum operating voltage (1V) and
below the selected VTRIP, the Reset output will be
active.
Once the device voltage rises above the “actual” trip
point (VTRIP) plus the hysteresis (VHYS), the Reset delay
timer (tRST) starts. When the Reset delay timer times
out, the Reset output (RST/RST) is driven inactive.
FIGURE 4-13:
Reset pin Operation on a
Power-up.
4.1.2
POWER-DOWN/BROWN-OUTS
As the device powers-down/brown-outs, the voltage
(VDD) falls from a voltage above the devices trip point
(VTRIP). The devices “actual” trip point voltage (VTRIP)
will be between the minimum trip point (V
TRIPMIN) and
the maximum trip point (VTRIPMAX). Once the device
voltage (VDD) goes below this voltage, the Reset pin(s)
will be forced to the active state. There is a hysteresis
on this trip point. This is so that noise on the device volt-
age (VDD) does not cause the Reset pin (RST/RST) to
“jitter” (change between driving an active and inactive).
Figure 4-14 shows the waveform of the RST pin as
determined by the VDD voltage, while Table 4-1 shows
the state of the RST pin.
4.1.2.1
Operation of RST pin with Internal
Pull-Up Resistor
The internal pull-up resistor has a typical value of
4.7 k
Ω. The internal pull-up eliminates the need for an
external resistor.
To reduce the current consumption of the device, when
the RST pin is driving low, the resistor is disconnected.
FIGURE 4-14:
RST
Operation as determined by the VTRIP and VHYS.
Note:
While the Reset delay timer (tRST) is
active, additional system current is con-
sumed.
VTRIPMAX
VTRIPMIN
VTRIP
1V
VDD
VTRIP + VHYS
tRST
RST
RST
Note:
Only the MCP1316M, MCP1318M, and
MCP1319M devices have an open-drain
RST output pin with an internal pull-up
resistor.
VDD
VTRIPMAX
VTRIPMIN
VTRIP
VTRIP
VTRIP + VHYS
RST
1V
< 1V is outside the
device specifications
tRPD
tRST
tRPD
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com