Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1321 Datasheet HTML 1Page - Microchip Technology MCP1321 Datasheet HTML 2Page - Microchip Technology MCP1321 Datasheet HTML 3Page - Microchip Technology MCP1321 Datasheet HTML 4Page - Microchip Technology MCP1321 Datasheet HTML 5Page - Microchip Technology MCP1321 Datasheet HTML 6Page - Microchip Technology MCP1321 Datasheet HTML 7Page - Microchip Technology MCP1321 Datasheet HTML 8Page - Microchip Technology MCP1321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 1
MCP131X/2X
Features
• Low supply current: 1 µA (typical),10 µA (max.)
• Precision monitoring trip point options:
- 2.9V and 4.6V (Standard Offerings)
- 2.0V to 4.7V in 100 mV increments,
(Contact the local Microchip Sales Office)
• Resets microcontroller in a power-loss event
• Reset Delay Time Out Option:
- 1.4 ms, 30 ms, 200 ms, or 1.6s (typical)
• Watchdog Timer Input Time Out Options:
- 6.3 ms, 102 ms, 1.6s, or 25.6s (typical)
• Manual Reset (MR) input (active-low)
• Single and Complementary Reset output(s)
• Reset Output Options:
- Push-Pull (active-high or active-low)
- Open-Drain (internal or external Pull-up)
• Temperature Range:
- -40°C to +85°C for trip points 2.0 to 2.4V and,
- -40°C to + 125°C for trip points > 2.5V
• Voltage Range: 1.0V to 5.5V
• Lead Free Packaging
Description
The MCP131X/2X are voltage supervisor devices
designed to keep a microcontroller in Reset until the
system voltage has reached and stabilized at the
proper level for reliable system operation. The table
below shows the available features for these devices.
Package Types
Block Diagram
Device Features
1
2
3
5
4
MCP1317
1
2
3
5
4
MCP1318/18M/21
1
2
3
5
4
MCP1319/19M/22
1
2
3
5
4
MCP1316/16M/20
SOT-23-5
RST
RST
VSS
MR
WDI
VDD
VDD
RST
VSS
MR
WDI
VSS
RST
WDI
VDD
RST
VSS
RST
MR
VDD
VDD
Comparator
+
–
Output
Driver
RST
Reference
VSS
RST
Noise Filter
Watchdog
MR
WDI
Note: Features available depend on the device
Voltage
Device
Reset Output A
Reset Output B
WDI Input
MR Input
Type
Pull-up
Resistor
Active
Level
Type
Pull-up
Resistor
Active
Level
MCP1316
Push-Pull
—
Low
—
—
—
Yes
Yes
MCP1316M
Open-Drain
Internal
Low
—
—
—
Yes
Yes
MCP1317
Push-Pull
—
High
—
—
—
Yes
Yes
MCP1318
Push-Pull
—
Low
Push-Pull
—
High
Yes
No
MCP1318M
Open-Drain
Internal
Low
Push-Pull
—
High
Yes
No
MCP1319
Push-Pull
—
Low
Push-Pull
—
High
No
Yes
MCP1319M
Open-Drain
Internal
Low
Push-Pull
—
High
No
Yes
MCP1320
Open-Drain
External
Low
—
—
—
Yes
Yes
MCP1321
Open-Drain
External
Low
Push-Pull
—
High
Yes
No
MCP1322
Open-Drain
External
Low
Push-Pull
—
High
No
Yes
Voltage Supervisor


Similar Part No. - MCP1321

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1321 MICROCHIP-MCP1321 Datasheet
1Mb / 44P
Voltage Supervisor
2005
MCP1321 MICROCHIP-MCP1321 Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1321 MICROCHIP-MCP1321 Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1321T MICROCHIP-MCP1321T Datasheet
1Mb / 44P
Voltage Supervisor
2005
MCP1321T MICROCHIP-MCP1321T Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
More results

Similar Description - MCP1321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI-TL7700 Datasheet
144Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
SUPPLY VOLTAGE SUPERVISOR
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
Voltage Supervisor
2005
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
Smart voltage supervisor
27-May-2008
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
Smart voltage supervisor
09-Apr-2008
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
Dual Voltage Supervisor
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
UT01VS50L Voltage Supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com