Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3510 Datasheet(PDF) 4 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 4 Page - ams AG

  AS3510 Datasheet HTML 1Page - ams AG AS3510 Datasheet HTML 2Page - ams AG AS3510 Datasheet HTML 3Page - ams AG AS3510 Datasheet HTML 4Page - ams AG AS3510 Datasheet HTML 5Page - ams AG AS3510 Datasheet HTML 6Page - ams AG AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 3 of 19
Modes of Operation
Inputs
Outputs
LDO-Modes
ENLDO12
ENLDO3
DVDD, AVDD
PVDD
OFF
LL
LDO1, LDO2 are OFF
2.8–3.6V supply fr. Ext.
LDO3 is OFF
1.75-3.6V supply fr. Ext.
ON_12
HL
LDO1, LDO2 are ON
Output is 2.9Vtyp
LDO3 is OFF
1.75-3.6V supply fr. Ext.
or connected to DVDD
ON_123
HH
LDO1, LDO2 are ON
Output is 2.9Vtyp
LDO3 is ON
Output 2.5Vtyp
Table 1
LDO Operating Modes
Nodes:
-
1. BVDD as input to the LDO regulators has to be >=3.0V.
-
2. DVDD - AVDD max. difference of 100mV.
-
3. PVDD has to be lower or equal to DVDD.
-
4. LDO1 is to be used for regulating AVDD (connect pin 25 to pin 26)
-
5. LDO2 output is internaly connected to DVDD (pos. digital supply)
-
6. LDO3 output is internaly connected to PVDD (pos. peripheral supply)
Inputs
Outputs
DAC-Modes
DACPD
I2S
Gain3:0
OUTR, OUTL
OFF
H
X
LLLL
TriState
DAC_ON
L
LRCK up to 50kHz
MCLK … 128*F(LRCK)
SCLK L=>H strobes SDI
SCLK … >=38*F(LRCK)
SDI left justified with MSB first
at 2nd SCLK edge
LLLL
TriState
AUDIO_ON
L
LRCK up to 50kHz
MCLK … 128*F(LRCK)
SCLK L=>H strobes SDI
SCLK … >=38*F(LRCK)
SDI left justified with MSB first
at 2nd SCLK edge
LLLH
.
.
HHHH
Stereo audio output
with PowerAmp gain adjusted
in 3dB steps by GAIN(3:0)
Table 2
DAC Operating Modes
Nodes:
-
During supply voltages settling at system start-up GAIN(3:0) should be held “L”.
-
The MCLK frequency ratio to LRCK is permanently checked. If the ratio is different to 128, the DAC goes in Reset-Mode (no
audio will betransferred).
-
MCLK rising edge should not be within +/-10ns of LRCK edges.
-
Capacitors at VREF, AGND and BGND are needed for the DAC operation.
-
The SCLK has to have at least 34 or 38 cycles within one LRCK cycle
2*(16bit data + the leading empty bit) or 2*(18bit data + the leading empty bit)
-
There can be more SDI bits presented but just the first 18 bits are transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com