Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3510 Datasheet(PDF) 5 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 5 Page - ams AG

  AS3510 Datasheet HTML 1Page - ams AG AS3510 Datasheet HTML 2Page - ams AG AS3510 Datasheet HTML 3Page - ams AG AS3510 Datasheet HTML 4Page - ams AG AS3510 Datasheet HTML 5Page - ams AG AS3510 Datasheet HTML 6Page - ams AG AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 4 of 19
Inputs
Output
ADC-Modes
ENADC
I2S-Clocks
LRCK, SCLK,MCLK
MICP/MICN
SDO
OFF
L
X
X
static L
ADC_ON
H
LRCK up to 50kHz
MCLK … 128*F(LRCK)
SCLK … >=34*F(LRCK)
Differential analog
input
to be converted to
digital output
SDI serial data output
Ieft justified to LRCK with
MSB first at 2nd SCLK
edge
Table 3
ADC Operating Modes
Nodes:
-
There are 16bit presented at SDO at each cycle but just the first 14 do have relevalt data.
-
The ADC is a single channel (mono) path. The same SDO bitstream is presented for left and right channel of one cycle.
-
The ADC sampling rate is equal to LRCK/4. This means that the SDO bitstream gets updated at each 4th cycle of LRCK.
-
SCLK has to have at least 34 cycles within one LRCK cycle
2*(16bit data + the leading empty bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com