Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3543-ECTP Datasheet(PDF) 77 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 77 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 73Page - ams AG AS3543-ECTP Datasheet HTML 74Page - ams AG AS3543-ECTP Datasheet HTML 75Page - ams AG AS3543-ECTP Datasheet HTML 76Page - ams AG AS3543-ECTP Datasheet HTML 77Page - ams AG AS3543-ECTP Datasheet HTML 78Page - ams AG AS3543-ECTP Datasheet HTML 79Page - ams AG AS3543-ECTP Datasheet HTML 80Page - ams AG AS3543-ECTP Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
76 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 78. PMU_Enable Register
Name
Base
Default
PMU_Enable
2-wire serial
00h
Offset: 1Ch-2
PMU_Enable Register
Selects the extended register on address 17h to 1Bh and enables writng to these PMU
register. It also sets the ADC10 multiplexer to measure various regulator voltages
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
DC_TEST_MUX
<3:0>
0000
R/W
Allows multiplexing internal and external supply voltages to
one DC test node which can be further multiplexed to the
ADC10. The accuracy is 5mV/LSB (see reg. 2Eh)
0x0: open
0x1: AVDD27
0x2: AVDD17
0x3: PVDD1
0x4: PVDD2
0x5: CVDD1
0x6: CVDD2
0x7: RVDD
0x8: FVDD
0x9: PWGD
0xA-0xF: n/a
3
PMU_GATE
000
R/W
Enables all settings made in registers 17h to 1Bh at once. If
this bit is set, changes are activated as soon as they are
written to the related register.
0: no change
1: change at once
2:0
PMU_WR_ENABLE
<2:0>
000
R/W
Selects extended registers 17h to 1Bh for the next write
0: no register selected
1: 17h-1 to 1Bh-1 selected
2: 17h-2 to 1Bh-2 selected
...
7: 17h-7 to 1Bh-7 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com