Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3543-ECTP Datasheet(PDF) 81 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 81 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 77Page - ams AG AS3543-ECTP Datasheet HTML 78Page - ams AG AS3543-ECTP Datasheet HTML 79Page - ams AG AS3543-ECTP Datasheet HTML 80Page - ams AG AS3543-ECTP Datasheet HTML 81Page - ams AG AS3543-ECTP Datasheet HTML 82Page - ams AG AS3543-ECTP Datasheet HTML 83Page - ams AG AS3543-ECTP Datasheet HTML 84Page - ams AG AS3543-ECTP Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
80 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 83. Second Interrupt Register
Name
Base
Default
IRQENRD_1
2-wire serial
00h
Offset: 24h
Second Interrupt Register
Please be aware that writing to this register will enable/disable the
corresponding interrupts, while reading gets the actual interrupt status and
will clear the register at the same time. It is not possible to read back the
interrupt enable/disable settings. This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
PWRUP_IRQ
0
W
Enables interrupt which is invoked whenever a high signal at
the PWRUP input pin occurs
0: disable
1: enable
x
R
This bit is set whenever a high level of min. BVDD/3 at the
PWRUP input pin occurs (PWRUP pin is commonly connected
to the power-up button)
6
WAKEUP_IRQ
0
W
Enables interrupt which is invoked whenever a wake-up from
RTC wake-up counter occurs
0: disable
1: enable
x
R
This bit is set when a wake-up has been invoked by the RTC
wake-up counter.
5
MCLK_IRQ
0
W
Enables interrupt which is invoked whenever a high signal at
the MCLK input pin occurs
0: disable
1: enable
x
R
This bit is set whenever a high level of min. BVDD/3 at the
MCLK input pin occurs (MCLK pin can be used as alternative
power-up button)
4:2
-
0
n/a
1
CVDD2_SD
0
W
Invokes shut-down of AFE when a –10% under-voltage spike
at CVDD2 occurs
0: disable
1: enable
CVDD2_under
x
R
This bit is set when a –5% under-voltage at CVDD2 occurs
0
CVDD2_IRQ
0
W
Enables interrupt for over-voltage/under-voltage supervision of
CVDD2
0: disable
1: enable
CVDD2_over
x
R
This bit is set when a +8% over-voltage at CVDD2 occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com