Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3658F-BCTP Datasheet(PDF) 95 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 95 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 91Page - ams AG AS3658F-BCTP Datasheet HTML 92Page - ams AG AS3658F-BCTP Datasheet HTML 93Page - ams AG AS3658F-BCTP Datasheet HTML 94Page - ams AG AS3658F-BCTP Datasheet HTML 95Page - ams AG AS3658F-BCTP Datasheet HTML 96Page - ams AG AS3658F-BCTP Datasheet HTML 97Page - ams AG AS3658F-BCTP Datasheet HTML 98Page - ams AG AS3658F-BCTP Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 158 page
background image
Table 95. DAC_R Register
Addr:78
DAC_R
These bits control the Audio DAC volume and functions
Bit
Bit Name
Default Access
Description
Table 96. ADC_L Register
Addr:79
ADC_L
These bits control the Audio ADC volume and functions
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
94 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
4:0
dar_vol
00000b
R/W
volume settings for right DAC input, adjustable in 32 steps
@ 1.5dB
00000
-40.5 dB gain
00001
-39 dB gain
.....
11110
4.5 dB gain
11111
6 dB gain
4:0
adl_vol
00000b
R/W
volume settings for left ADC input, adjustable in 32 steps @
1.5dB
00000
-34.5 dB gain
00001
-33 dB gain
.....
11110
10.5 dB gain
11111
12 dB gain
5
adc_on
0
R/W
0
ADC disabled
1
ADC enabled
6
adc_mute_off
0
R/W
0
ADC input is set to mute
1
normal operation
7
ad_fs2
0
R/W
Divider selection for ADC clock
0
ADC sample clock is I2S LRCLK / 2; every ADC
sample is sent twice to the I2S output (up-
sampling by 2)
1
ADC sample clock is I2S LRCLK / 4; every ADC
sample is sent four times to the I2S output (up-
sampling by 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com