Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLOU1002AT02 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLOU1002AT02
Description  TLOU1002AT02
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU1002AT02 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TLOU1002AT02 Datasheet HTML 4Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 5Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 6Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 7Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 8Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 9Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 10Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 11Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TL(RU,SU,OU,AU,YU,GU,PGU)1002A(T02)
2008-05-22
8
TLYU1002A
IF = 20 mA
Ta
= 25°C
0
600
0.4
1.0
0.8
540
640
620
580
560
660
0.6
0.2
0.1
10
3
80
60
100
1
0.3
20
5
0.5
−20
0
40
Ta
= 25°C
1
100
30
1.7
2.2
2.1
1.8
2.3
10
3
1.9
50
5
2.0
Forward voltage VF (V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
100
1
50
3
5
10
30
100
Ta
= 25°C
1
30
10
3
50
5
(typ.)
(typ.)
(typ.)
(typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com