Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLOU1002AT02 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TLOU1002AT02
Description  TLOU1002AT02
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU1002AT02 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TLOU1002AT02 Datasheet HTML 9Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 10Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 11Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 12Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 13Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 14Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 15Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 16Page - Toshiba Semiconductor TLOU1002AT02 Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TL(RU,SU,OU,AU,YU,GU,PGU)1002A(T02)
2008-05-22
14
Tape Specifications
1.
Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The
method of classification is as below. (However, this method does not apply to products whose
electrical/optical characteristics differ from standard Toshiba specifications)
(1)
Tape Type: T02 (4-mm pitch)
(2)
Example
2.
Handling precautions
Tape material protected against static electricity. However, static electricity may occur depending on
quantity of charged static electricity and a device may attach to a tape, or a device may be unstable when
peeling a tape cover.
(a)
Since tape materials may accumulate an electrostatic charge, use an ionizer to neutralize the ambient
air.
(b)
For transport and temporary storage of devices, use containers (boxes and bags) and jigs that are
made of anti-static materials or of materials which dissipate electrostatic charge.
3.
Tape dimensions
Unit: mm
Symbol
Value
Tolerance
Symbol
Value
Tolerance
D
1.50
+0.1/−0
P2
2.00
±0.05
E
1.75
±0.1
W
8.00
±0.3
P0
4.00
±0.1
P
4.00
±0.1
t
0.20
±0.05
A0
1.45
±0.1
F
3.50
±0.05
B0
2.25
±0.1
D1
1.10
±0.1
K0
1.30
±0.05
A0
P
D1
F
E
W
Polarity
t
K0
B0
D
P2
P0
TLRU1002A (T02)
Tape type
Toshiba product No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com