Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V6212615-01XE-R Datasheet(PDF) 71 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 71 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 67Page - Texas Instruments V6212615-01XE-R Datasheet HTML 68Page - Texas Instruments V6212615-01XE-R Datasheet HTML 69Page - Texas Instruments V6212615-01XE-R Datasheet HTML 70Page - Texas Instruments V6212615-01XE-R Datasheet HTML 71Page - Texas Instruments V6212615-01XE-R Datasheet HTML 72Page - Texas Instruments V6212615-01XE-R Datasheet HTML 73Page - Texas Instruments V6212615-01XE-R Datasheet HTML 74Page - Texas Instruments V6212615-01XE-R Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
9.2.5
Auto-Negotiation Advertisement Register (ANAR)
This register contains the advertised abilities of this device as they will be transmitted to its link partner
during Auto-Negotiation.
Table 9-7. Negotiation Advertisement Register (ANAR), Address 0x04
BIT
BIT NAME
DEFAULT
DESCRIPTION
Next Page Indication:
15
NP
0, RW
0 = Next Page Transfer not desired
1 = Next Page Transfer desired
14
RESERVED
0, RO/P
RESERVED by IEEE: Writes ignored, Read as 0
Remote Fault:
13
RF
0, RW
1 = Advertises that this device has detected a Remote Fault
0 = No Remote Fault detected
12
RESERVED
0, RW
RESERVED for Future IEEE use: Write as 0, Read as 0
Asymmetric PAUSE Support for Full Duplex Links:
The ASM_DIR bit indicates that asymmetric PAUSE is supported.
Encoding and resolution of PAUSE bits is defined in IEEE 802.3
Annex 28B, Tables 28B-2 and 28B-3, respectively. Pause resolution
11
ASM_DIR
0, RW
status is reported in PHYCR[13:12].
1 = Advertise that the DTE (MAC) has implemented both the optional
MAC control sublayer and the pause function as specified in clause 31
and annex 31B of 802.3u.
0 = No MAC based full duplex flow control
PAUSE Support for Full Duplex Links:
The PAUSE bit indicates that the device is capable of providing the
symmetric PAUSE functions as defined in Annex 31B.
Encoding and resolution of PAUSE bits is defined in IEEE 802.3
Annex 28B, Tables 28B-2 and 28B-3, respectively. Pause resolution
10
PAUSE
0, RW
status is reported in PHYCR[13:12].
1 = Advertise that the DTE (MAC) has implemented both the optional
MAC control sublayer and the pause function as specified in clause 31
and annex 31B of 802.3u.
0= No MAC based full duplex flow control
100BASE-T4 Support:
9
T4
0, RO/P
1 = 100BASE-T4 is supported by the local device
0 = 100BASE-T4 not supported
100BASE-TX Full Duplex Support:
8
TX_FD
Strap, RW
1 = 100BASE-TX Full Duplex is supported by the local device
0 = 100BASE-TX Full Duplex not supported
100BASE-TX Support:
7
TX
Strap, RW
1 = 100BASE-TX is supported by the local device
0 = 100BASE-TX not supported
10BASE-T Full Duplex Support:
6
10_FD
Strap, RW
1 = 10BASE-T Full Duplex is supported by the local device
0 = 10BASE-T Full Duplex not supported
10BASE-T Support:
5
10
Strap, RW
1 = 10BASE-T is supported by the local device
0 = 10BASE-T not supported
Protocol Selection Bits:
4:0
Selector
<00001>, RW
These bits contain the binary encoded protocol selector supported by
this port. <00001> indicates that this device supports IEEE 802.3u.
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
71
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com