Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V6212615-01XE-R Datasheet(PDF) 78 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 78 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 74Page - Texas Instruments V6212615-01XE-R Datasheet HTML 75Page - Texas Instruments V6212615-01XE-R Datasheet HTML 76Page - Texas Instruments V6212615-01XE-R Datasheet HTML 77Page - Texas Instruments V6212615-01XE-R Datasheet HTML 78Page - Texas Instruments V6212615-01XE-R Datasheet HTML 79Page - Texas Instruments V6212615-01XE-R Datasheet HTML 80Page - Texas Instruments V6212615-01XE-R Datasheet HTML 81Page - Texas Instruments V6212615-01XE-R Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
9.3.4
False Carrier Sense Counter Register (FCSCR)
This counter provides information required to implement the “False Carriers” attribute within the MAU
managed object class of Clause 30 of the IEEE 802.3u specification.
Table 9-15. False Carrier Sense Counter Register (FCSCR), Address 0x14
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
False Carrier Event Counter:
7:0
FCSCNT[7:0]
0, RO/COR
This 8-bit counter increments on every false carrier event. This
counter sticks when it reaches its max count (FFh).
9.3.5
Receiver Error Counter Register (RECR)
This counter provides information required to implement the “Symbol Error During Carrier” attribute within
the PHY managed object class of Clause 30 of the IEEE 802.3u specification.
Table 9-16. Receiver Error Counter Register (RECR), Address 0x15
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
RX_ER Counter:
When a valid carrier is present and there is at least one occurrence of
an invalid data symbol, this 8-bit counter increments for each receive
7:0
RXERCNT[7:0]
0, RO/COR
error detected. This event can increment only once per valid carrier
event. If a collision is present, the attribute will not increment. The
counter sticks when it reaches its max count.
9.3.6
100 Mb/s PCS Configuration and Status Register (PCSR)
This register contains event status and enables for the interrupt function. If an event has occurred since
the last read of this register, the corresponding status bit will be set. If the corresponding enable bit in the
register is set, an interrupt will be generated if the event occurs. The MICR register controls must also be
set to allow interrupts. The status indications in this register will be set even if the interrupt is not enabled.
Table 9-17. 100 Mb/s PCS Configuration and Status Register (PCSR), Address 0x16
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:13
RESERVED
<00>, RO
RESERVED: Writes ignored, Read as 0
12
RESERVED
0
RESERVED: Must be zero
11
RESERVED
0
RESERVED: Must be zero
100Mbs True Quiet Mode Enable:
10
TQ_EN
0, RW
1 = Transmit True Quiet Mode
0 = Normal Transmit Mode
Signal Detect Force PMA:
9
SD FORCE PMA
0, RW
1 = Forces Signal Detection in PMA
0 = Normal SD operation
Signal Detect Option:
8
SD_OPTION
1, RW
1 = Enhanced signal detect algorithm
0 = Reduced signal detect algorithm
78
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com