Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB321B-CC Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT45DB321B-CC
Description  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-CC Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT45DB321B-CC Datasheet HTML 24Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 25Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 26Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 27Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 28Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 29Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 30Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 31Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 32Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
AT45DB321B
2223D–DFLASH–10/02
Ordering Information
f
SCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
20
10
0.01
AT45DB321B-CC
AT45DB321B-RC
AT45DB321B-TC
44C1
28R
32T
Commercial
(0
°C to 70°C)
20
10
0.01
AT45DB321B-CI
AT45DB321B-RI
AT45DB321B-TI
44C1
28R
32T
Industrial
(-40
°C to 85°C)
Package Type
44C1
44-ball (5 x 9 Array), 1.0 mm Pitch, Plastic Chip-scale Ball Grid Array (CBGA)
28R
28-lead, 0.330" Wide, Plastic Gull Wing Small Outline Package (SOIC)
32T
32-lead, Plastic Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com