Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB321B-CC Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT45DB321B-CC
Description  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-CC Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT45DB321B-CC Datasheet HTML 24Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 25Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 26Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 27Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 28Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 29Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 30Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 31Page - ATMEL Corporation AT45DB321B-CC Datasheet HTML 32Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
AT45DB321B
2223D–DFLASH–10/02
28R – SOIC
PIN 1
0º ~ 8º
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28R, 28-lead, 0.330" Body Width,
Plastic Gull Wing Small Outline (SOIC)
B
28R
10/08/2002
A
2.39
–
2.79
A1
0.002
–
0.014
D
18.00
–
18.50
Note 1
E
11.70
–
12.50
E1
8.59
–
8.79
Note 1
B
0.356
–
0.508
C
0.203
–
0.305
L
0.94
–
1.27
e
1.27 TYP
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
E
C
A1
E1
e
D
L
B
Note: 1. Dimensions D and E1 do not include mold Flash
or protrusion. Mold Flash or protrusion shall not exceed
0.25 mm (0.010").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com