Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2986IM-3.0 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2986IM-3.0
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IM-3.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2986IM-3.0 Datasheet HTML 7Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 8Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 9Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 10Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 11Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 12Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 13Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 14Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
Basic Application Circuits
Figure 32. Application Using Internal Resistive Divider
Figure 33. Application Using External Divider
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com