Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2986IM-3.0 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP2986IM-3.0
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IM-3.0 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2986IM-3.0 Datasheet HTML 11Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 12Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 13Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 14Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 15Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 16Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 17Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 18Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
VIN
VOUT
PNP
GND
SCHOTTKY DIODE
LP2986
VIN
VOUT
PNP
GND
LP2986
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the LP2986 has an inherent diode connected between
the regulator output and input.
During normal operation (where the input voltage is higher than the output) this diode is reverse-biased.
However, if the output voltage is pulled above the input, or the input voltage is pulled below the output, this diode
will turn ON and current will flow into the regulator output pin.
In such cases, a parasitic SCR can latch which will allow a high current to flow into VIN (and out the ground pin),
which can damage the part.
In any application where the output voltage may be higher than the input, an external Schottky diode must be
connected from VIN to VOUT (cathode on VIN, anode on VOUT), to limit the reverse voltage across the LP2986 to
0.3V (see the Absolute Maximum Ratings section.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com