Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC6501P125VCTRT Datasheet(PDF) 13 Page - Microchip Technology

Part # TC6501P125VCTRT
Description  Ultra Small Temperature Switches with Pin Selectable Hysteresis
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P125VCTRT Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC6501P125VCTRT Datasheet HTML 9Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 10Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 11Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 12Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 13Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 14Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 15Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 16Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
 2004 Microchip Technology Inc.
DS21451D-page 13
TC6501/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC6501: Ultra Small Temp Switch with Pin-Selectable
Hysteresis
TC6502: Ultra Small Temp Switch with Pin-Selectable
Hysteresis
TC6503: Ultra Small Temp Switch with Pin-Selectable
Hysteresis
TC6504: Ultra Small Temp Switch with Pin-Selectable
Hysteresis
Standard
Temperature
Threshold:
N015
= -15°C (TC6503, TC6504)
P005
= 5°C (TC6503, TC6504
P045
= 45°C (TC6501, TC6502)
P065
= 65°C (TC6501, TC6502)
P075
= 75°C (TC6501, TC6502)
P095
= 95°C (TC6501, TC6502)
P105
= 105°C (TC6501)
P115
= 115°C (TC6501, TC6502)
P120
= 120°C (TC6501)
P125
= 125°C (TC6501, TC6502)
Package:
VCTTR
= SOT-23, 5-lead (Tape and Reel)
VCTRT
= SOT-23, 5-lead (Reverse Tape and Reel)
(Available only in 95°C and 125°C
temperatures for TC6501)
PART NO.
XXXX
Standard
Temperature
Device
Threshold
XXXXX
Package
Examples:
a)
TC6501P045VCTTR: 5-Pin SOT-23A, 45°C,
Open-Drain, tape and reel.
b)
TC6501P065VCTTR: 5-Pin SOT-23A, 65°C,
Open-Drain, tape and reel.
c)
TC6501P095VCTTR: 5-Pin SOT-23A, 95°C,
Open-Drain, tape and reel.
d)
TC6501P095VCTRT: 5-Pin SOT-23A, 95°C,
Open-Drain,
reverse tape and reel.
e)
TC6501P125VCTRT: 5-Pin SOT-23A, 125°C,
Open-Drain,
reverse tape and reel.
a)
TC6502P045VCTTR 5-Pin SOT-23A, 45°C,
Push-Pull, tape and reel.
b)
TC6502P065VCTTR 5-Pin SOT-23A, 65°C,
Push-Pull, tape and reel.
c)
TC6502P095VCTTR: 5-Pin SOT-23A, 95°C,
Push-Pull, tape and reel.
a)
TC6503N015VCTTR 5-Pin SOT-23A, -15°C,
Open-Drain, tape and reel.
b)
TC6503P005VCTTR: 5-Pin SOT-23A, 5°C,
Open-Drain, tape and reel.
a)
TC6504N015VCTTR: 5-Pin SOT-23A, -15°C,
Push-Pull, tape and reel.
b)
TC6504P005VCTTR: 5-Pin SOT-23A, 5°C,
Push-Pull, tape and reel.
Examples:
a)
TC6501P045VCTTR: 5-Pin SOT-23A, 45°C,
Open-Drain, tape and reel.
b)
TC6501P065VCTTR: 5-Pin SOT-23A, 65°C,
Open-Drain, tape and reel.
c)
TC6501P095VCTTR: 5-Pin SOT-23A, 95°C,
Open-Drain, tape and reel.
d)
TC6501P095VCTRT: 5-Pin SOT-23A, 95°C,
Open-Drain,
reverse tape and reel.
e)
TC6501P125VCTRT: 5-Pin SOT-23A, 125°C,
Open-Drain,
reverse tape and reel.
a)
TC6502P045VCTTR 5-Pin SOT-23A, 45°C,
Push-Pull, tape and reel.
b)
TC6502P065VCTTR 5-Pin SOT-23A, 65°C,
Push-Pull, tape and reel.
c)
TC6502P095VCTTR: 5-Pin SOT-23A, 95°C,
Push-Pull, tape and reel.
a)
TC6503N015VCTTR 5-Pin SOT-23A, -15°C,
Open-Drain, tape and reel.
b)
TC6503P005VCTTR: 5-Pin SOT-23A, 5°C,
Open-Drain, tape and reel.
a)
TC6504N015VCTTR: 5-Pin SOT-23A, -15°C,
Push-Pull, tape and reel.
b)
TC6504P005VCTTR: 5-Pin SOT-23A, 5°C,
Push-Pull, tape and reel.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com