Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC6501P125VCTRT Datasheet(PDF) 2 Page - Microchip Technology

Part # TC6501P125VCTRT
Description  Ultra Small Temperature Switches with Pin Selectable Hysteresis
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P125VCTRT Datasheet(HTML) 2 Page - Microchip Technology

  TC6501P125VCTRT Datasheet HTML 1Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 2Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 3Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 4Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 5Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 6Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 7Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 8Page - Microchip Technology TC6501P125VCTRT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TC6501/2/3/4
DS21451D-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VCC) .............................. -0.3V to +7V
Input Current (All Pins).......................................20 mA
Output Current (All Pins) ....................................20 mA
Operating Temperature Range..........- 55°C to +135°C
Storage Temperature Range .............- 65°C to +165°C
TOVER (TC6501)....................................... -0.3V to +7V
TOVER (TC6502)......................... -0.3V to (VCC + 0.3V)
TUNDER (TC6503)....................................... -0.3V to 7V
TUNDER (TC6504)....................... -0.3V to (VCC + 0.3V)
All Other Pins ............................. -0.3V to (VCC + 0.3V)
Maximum Junction Temperature, TJ .................. 150°C
Power Dissipation (TA = +70°C):
(Derate 7.1 mW/°C Above +70°C) ...............570 mW
* Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of the specifica-
tions is not implied. Exposure to maximum rating con-
ditions for extended periods may affect device
reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, VCC = +2.7V to +5.5V, RPULL-UP = 100 kΩ (TC6501/TC6503 only), 100 pF
decoupling capacitor from VCC to GND, TAMB = -55°C to +135°C. Typical values are at TA = +25°C.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply Voltage Range
VCC
2.7
—
5.5
V
Supply Current
ICC
—17
40
µA
HYST Input Threshold
VIH
0.8 x VCC
—
—
V
HYST Input Threshold
VIL
—
—
0.2 x VCC
V
Temperature Threshold Accuracy (Note 1)
∆TTH
-6
±0.5
6
°C
-45°C to -25°C
-4
±0.5
4
°C
-15°C to +15°C
-4
±0.5
4
°C
+35°C to +65°C
-6
±0.5
6
°C
+75°C to +125°C
Temperature Threshold Hysteresis
THYST
—
2.0
—
°C
HYST = GND
—10
—
°C
HYST = VCC
Output Voltage High
VOH
0.8 x VCC
—
—
V
ISOURCE = 500 µA, VCC > 2.7V
(TC6502/TC6504 Only)
VCC - 1.5
—
—
V
ISOURCE = 800 µA, VCC > 4.5V
(TC6502/TC6504 Only)
Output Voltage Low
VOL
——
0.3
V
ISINK = 1.2 mA, VCC > 2.7V
——
0.4
V
ISINK = 3.2 mA, VCC > 4.5V
Open-Drain Output Leakage Current
—
10
—
nA
VCC = 2.7V, TUNDER = 5.5V
(TC6503); TOVER = 5.5V
(TC6501)
Note 1: The TC6501/2/3/4 are available with internal, factory-programmed temperature trip thresholds from -45°C to +125°C, in
+10°C increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com