Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54CT-LP Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16C54CT-LP
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54CT-LP Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16C54CT-LP Datasheet HTML 73Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 74Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 75Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 76Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 77Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 78Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 79Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 80Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 75
PIC16C5X
1TOSC
External CLKIN Period(1)
250
—
—
ns
XT OSC mode
100
—
—
ns
10 MHz mode
50
—
—
ns
HS OSC mode (Comm/Ind)
62.5
—
—
ns
HS OSC mode (Ext)
25
—
—
µsLP OSC mode
Oscillator Period(1)
250
—
—
ns
RC OSC mode
250
—
10,000
ns
XT OSC mode
100
—
250
ns
10 MHz mode
50
—
250
ns
HS OSC mode (Comm/Ind)
62.5
—
250
ns
HS OSC mode (Ext)
25
—
—
µsLP OSC mode
2
Tcy
Instruction Cycle Time(2)
—4/FOSC
——
3
TosL,
TosH
Clock in (OSC1) Low or High
Time
85*
—
—
ns
XT oscillator
20*
—
—
ns
HS oscillator
2.0*
—
—
µs
LP oscillator
4TosR,
TosF
Clock in (OSC1) Rise or Fall
Time
—
—
25*
ns
XT oscillator
—
—
25*
ns
HS oscillator
—
—
50*
ns
LP oscillator
TABLE 12-1:
EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16C54/55/56/57
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0°C
≤ TA ≤ +70°C for commercial
–40°C
≤ TA ≤ +85°C for industrial
–40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5.0V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
Note 1: All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2: Instruction cycle period (TCY) equals four times the input oscillator time base period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com