Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54CT-LP Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16C54CT-LP
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54CT-LP Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16C54CT-LP Datasheet HTML 4Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 5Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 6Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 7Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 8Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 9Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 10Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 11Page - Microchip Technology PIC16C54CT-LP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 194 page
background image
PIC16C5X
DS30453D-page 6
Preliminary
© 2002 Microchip Technology Inc.
TABLE 1-1:
PIC16C5X FAMILY OF DEVICES
Features
PIC16C54
PIC16CR54
PIC16C55
PIC16C56
PIC16CR56
Maximum Operation Frequency
40 MHz
20 MHz
40 MHz
40 MHz
20 MHz
EPROM Program Memory (x12 words)
512
—
512
1K
—
ROM Program Memory (x12 words)
—
512
—
—
1K
RAM Data Memory (bytes)
2525242525
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
I/O Pins
12
12
20
12
12
Number of Instructions
33
33
33
33
33
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro® Family devices have Power-on Reset, selectable Watchdog Timer, selectable Code Protect and high
I/O current capability.
Features
PIC16C57
PIC16CR57
PIC16C58
PIC16CR58
Maximum Operation Frequency
40 MHz
20 MHz
40 MHz
20 MHz
EPROM Program Memory (x12 words)
2K
—2K
—
ROM Program Memory (x12 words)
—
2K
—
2K
RAM Data Memory (bytes)
72
72
73
73
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
I/O Pins
20
20
12
12
Number of Instructions
33
33
33
33
Packages
28-pin DIP, SOIC;
28-pin SSOP
28-pin DIP, SOIC;
28-pin SSOP
18-pin DIP, SOIC;
20-pin SSOP
18-pin DIP, SOIC;
20-pin SSOP
All PICmicro® Family devices have Power-on Reset, selectable Watchdog Timer, selectable Code Protect and high
I/O current capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com