Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA161 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATMEGA161
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATMEGA161 Datasheet HTML 84Page - ATMEL Corporation ATMEGA161 Datasheet HTML 85Page - ATMEL Corporation ATMEGA161 Datasheet HTML 86Page - ATMEL Corporation ATMEGA161 Datasheet HTML 87Page - ATMEL Corporation ATMEGA161 Datasheet HTML 88Page - ATMEL Corporation ATMEGA161 Datasheet HTML 89Page - ATMEL Corporation ATMEGA161 Datasheet HTML 90Page - ATMEL Corporation ATMEGA161 Datasheet HTML 91Page - ATMEL Corporation ATMEGA161 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 134 page
background image
ATmega161(L)
88
• TOSC1/TOSC2 - Port D, Bit 5 and 4
When the AS2 bit in ASSR is set (one) to enable asynchronous clocking of Timer/Counter2, pins PD5 and PD4 are discon-
nected from the port. In this mode, a crystal oscillator is connected to the pins, and the pins can not be used as I/O pins.
• INT1 - Port D, Bit 3
INT1, External Interrupt source 1: The PD3 pin can serve as an external interrupt source to the MCU. See “MCU Control
Register – MCUCR” on page 32 for further details.
• INT0 - Port D, Bit 2
INT0, External Interrupt source 0: The PD2 pin can serve as an external interrupt source to the MCU. See “MCU Control
Register – MCUCR” on page 32 for further details.
• TXD0 - Port D, Bit 1
Transmit Data (Data output pin for the UART0). When the UART0 transmitter is enabled, this pin is configured as an output
regardless of the value of DDRD1.
• RXD0 - Port D, Bit 0
Receive Data (Data input pin for the UART0). When the UART receiver is enabled this pin is configured as an input regard-
less of the value of DDRD0. When the UART0 forces this pin to be an input, a logical one in PORTD0 will turn on the
internal pull-up.
Port D Schematics
Note that all port pins are synchronized. The synchronization latches are however, not shown in the figures.
Figure 65. Port D Schematic Diagram (Pin PD0)
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
MOS
PULL-
UP
PD0
RXD0
RXEN0
WP:
WD:
RL:
RP:
RD:
RXD0:
RXEN0:
WRITE PORTD
WRITE DDRD
READ PORTD LATCH
READ PORTD PIN
READ DDRD
UART0 RECEIVE DATA
UART0 RECEIVE ENABLE
DDD0
PORTD0
RL
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com