Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA161 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA161
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA161 Datasheet HTML 1Page - ATMEL Corporation ATMEGA161 Datasheet HTML 2Page - ATMEL Corporation ATMEGA161 Datasheet HTML 3Page - ATMEL Corporation ATMEGA161 Datasheet HTML 4Page - ATMEL Corporation ATMEGA161 Datasheet HTML 5Page - ATMEL Corporation ATMEGA161 Datasheet HTML 6Page - ATMEL Corporation ATMEGA161 Datasheet HTML 7Page - ATMEL Corporation ATMEGA161 Datasheet HTML 8Page - ATMEL Corporation ATMEGA161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 134 page
background image
ATmega161(L)
3
Block Diagram
Figure 1. The ATmega161 Block Diagram
PROGRAMMING
LOGIC
SPI
UARTS
PB0 - PB7
VCC
GND
8-BIT DATA BUS
DATA DIR.
REG. PORTA
DATA REGISTER
PORTA
PORTA DRIVERS
PA0-PA7
DATA DIR.
REG. PORTC
DATA REGISTER
PORTC
PORTC DRIVERS
PC0-PC7
PORTD DRIVERS
PD0 - PD7
DATA DIR.
REG. PORTD
DATA REGISTER
PORTB
PORTB DRIVERS
PORTE DRIVERS
PE0 - PE2
DATA REG.
PORTE
DATA DIR
REG. PORTE
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
TIMING AND
CONTROL
OSCILLATOR
INTERRUPT
UNIT
EEPROM
STATUS
REGISTER
Z
Y
X
ALU
RESET
XTAL2
XTAL1
CONTROL
LINES
DATA DIR.
REG. PORTB
DATA REGISTER
PORTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com