Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA128-8AI Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATMEGA128-8AI
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128-8AI Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA128-8AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 11Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 12Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 13Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 14Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 15Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
2467XS–AVR–06/11
ATmega128
Packaging Information
64A
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
64A, 64-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness,
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
C
64A
2010-10-20
PIN 1 IDENTIFIER
0°~7°
PIN 1
L
C
A1
A2
A
D1
D
e
E1
E
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1.This package conforms to JEDEC reference MS-026, Variation AEB.
2. Dimensions D1 and E1 do not include mold protrusion. Allowable
protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
3. Lead coplanarity is 0.10 mm maximum.
A
–
–
1.20
A1
0.05
–
0.15
A2
0.95
1.00
1.05
D
15.75
16.00
16.25
D1
13.90
14.00
14.10
Note 2
E
15.75
16.00
16.25
E1
13.90
14.00
14.10
Note 2
B
0.30
–
0.45
C
0.09
–
0.20
L
0.45
–
0.75
e
0.80 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com