Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA128-8AI Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATMEGA128-8AI
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128-8AI Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATMEGA128-8AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 11Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 12Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 13Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 14Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 15Page - ATMEL Corporation ATMEGA128-8AI Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
2467XS–AVR–06/11
ATmega128
64M1
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
64M1, 64-pad, 9 x 9 x 1.0 mm Body, Lead Pitch 0.50 mm,
H
64M1
2010-10-19
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.80
0.90
1.00
A1
–
0.02
0.05
b
0.18
0.25
0.30
D
D2
5.20
5.40
5.60
8.90
9.00
9.10
8.90
9.00
9.10
E
E2
5.20
5.40
5.60
e
0.50 BSC
L
0.35
0.40
0.45
Notes:
1. JEDEC Standard MO-220, (SAW Singulation) Fig. 1, VMMD.
2. Dimension and tolerance conform to ASMEY14.5M-1994.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D
E
Marked Pin# 1 ID
SEATING PLANE
A1
C
A
C
0.08
1
2
3
K
1.25
1.40
1.55
E2
D2
b
e
Pin #1 Corner
L
Pin #1
Triangle
Pin #1
Chamfer
(C 0.30)
Option A
Option B
Pin #1
Notch
(0.20 R)
Option C
K
K
5.40 mm Exposed Pad, Micro Lead Frame Package (MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com