Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS68C429AMRB/C Datasheet(PDF) 28 Page - ATMEL Corporation

Part # TS68C429AMRB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMRB/C Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button TS68C429AMRB/C Datasheet HTML 24Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 25Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 26Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 27Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 28Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 29Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 30Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 31Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
28
TS68C429A
2120A–HIREL–08/02
• Register Description
Any internal status change that induces a bit to be set in the status-register will generate
an interrupt if this cause is enabled by the Mask-register and if no highest priority cause
is already activated or pending.
For the receiver blocks, the priority is programmable (see interrupt vector number
description). For the transmitter block, the End-of-transmission has higher priority than
FIFO-empty and channel 1 has higher priority than channel 2 that has higher priority
than channel 3.
The RX wrong parity bit can be set only if self-test register bit 0 is set to 1.
The user has to check which receiver has it receiver control register bit 7 set to 1.
At the end of the interrupt procedure, the user must reset RX wrong parity bit to 0.
RX wrong parity is the highest interrupt priority source for the receiver part of the MRT.
• The Mask Register
The mask register is accessible for reading and writing operations. The mask register is
used to disable interrupt source. The bit order is the same as in the status register. A “0”
indicates that this source is disable, a “1” enables an interrupt for this source.
Figure 24. Mask Register
• The Base Register
The base register is only accessible for writing operations by the user. The base register
must be programmed at the initialization phase. It contains the base for the vector gen-
eration during an interrupt acknowledge. This allows the use of several peripherals. If
not programmed interrupt vector is set to $OF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com