Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS68C429AMRB/C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS68C429AMRB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMRB/C Datasheet(HTML) 5 Page - ATMEL Corporation

  TS68C429AMRB/C Datasheet HTML 1Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 2Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 3Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 4Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 5Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 6Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 7Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 8Page - ATMEL Corporation TS68C429AMRB/C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
TS68C429A
2120A–HIREL–08/02
RX2L
I
Receiving “0” line of the channel 2.
RX3H
I
Receiving “1” line of the channel 3.
RX3L
I
Receiving “0” line of the channel 3.
RX4H
I
Receiving “1” line of the channel 4.
RX4L
I
Receiving “0” line of the channel 4.
RX5H
I
Receiving “1” line of the channel 5.
RX5L
I
Receiving “0” line of the channel 5.
RX6H
I
Receiving “1” line of the channel 6.
RX6L
I
Receiving “0” line of the channel 6.
RX7H
I
Receiving “1” line of the channel 7.
RX7L
I
Receiving “0” line of the channel 7.
RX8H
I
Receiving “1” line of the channel 8.
RX8L
I
Receiving “0” line of the channel 8.
RESET
I
This input (active low) will initialize the TS68C429A registers.
V
CC/GND
I
These inputs supply power to the chip. The V
CC is powered at +5 volts and GND is the ground
connection.
CLK-SYS
I
The clock input is a single-phase signal used for internal timing of processor interface.
CLK-ARINC
I
This input provides the timing clock to synchronize received/transmitted messaged.
Figure 1. Signal Description (Continued)
Pin Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com