Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS68302VA1B/T16 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TS68302VA1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA1B/T16 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS68302VA1B/T16 Datasheet HTML 6Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 7Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 8Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 9Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 10Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 11Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 12Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 13Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
TS68302
2117A–HIREL–11/02
Table 5. DC Electrical Characteristics
V
CC = 5.0 Vdc ± 10%; GND = 0 Vdc; Tc = -55°C/+125°C or -40°C/+85°C
Symbol
Parameter
Min
Max
Unit
VIH
Input High Voltage (except EXTAL)
2.0
VDD
V
V
IL
Input Low Voltage (except EXTAL)
V
SS - 0.3
0.8
V
V
CIH
Input High Voltage (EXTAL)
4.0
V
DD
V
VCIL
Input Low Voltage (EXTAL)
VSS - 0.3
0.6
V
I
IN
Input Leakage Current
20
µA
C
IN
Input Capacitance All Pins
15
pF
ITSI
Three-state Leakage Current (2.4V/0.5V)
20
µA
I
OD
Open Drain Leakage Current (2.4V)
20
µA
V
OH
Output High Voltage (I
OH = 400 µA)
V
DD - 1.0
V
VOL
Output Low Voltage
(I
OL = 3.2 mA)
A1-A23, PB0-PB11, FC0-FC3, CS0-CS3, IAC, AVEC, BG, RCLK1,
RCLK2, RCLK3, TCLK1, TCLK2, TCLK3, RTS1, RTS2, RTS3,
SDS2, PA12, RXD2, RXD3, CTS2, CD2, CD3, DREQ
0.5
V
(I
OL = 5.3 mA)
AS, UDS, LDS, R/W, BERR, BGACK, BCLR, DTACK, DACK, RMC,
RMC, D0-D15, RESET
0.5
V
(IOL = 7.0 mA)
TXD1, TXD2, TXD3
0.5
V
(I
OL = 8.9 mA)
BR, DONE, HALT, (BR as output)
0.5
V
(I
OL = 3.2 mA)
CLKO
0.4
V
OCLK
Output Drive CLKO
50
pF
O
GCI
Output Drive ISDN I/F (GCI mode)
150
pF
O
ALL
Output Drive All Other Pins
130
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com