Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS68302VA1B/T16 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # TS68302VA1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA1B/T16 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button TS68302VA1B/T16 Datasheet HTML 13Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 14Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 15Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 16Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 17Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 18Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 19Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 20Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
17
TS68302
2117A–HIREL–11/02
Figure 9. Bus Arbitration Timing Diagram
Note:
Setup time to the clock (#47) for the asynchronous inputs BERR, BGACK, BR, DTACK, and IPL2-IPL0 guarantees their recog-
nition at the next falling edge of the clock.
Notes:
1. DREQ is sampled on the falling edge of CLK in cycle steal and burst modes.
2. If #80 is satisfied for DREQ, #81 may be ignored.
3. BR will not be asserted while AS, HALT, or BERR is asserted.
4. Specifications are for DISABLE CPU mode only.
35
CLKO
33
38
34
37
46
39
47
36
57 57A
58 58A
37A
STROBES
AND R/W
BR
BGACK
BG
Table 9. AC Electrical Specifications - DMA (see Figure 10) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
80
t
REQASI
DREQ asynchronous setup time
(1)
15
ns
81
tREQL
DREQ width low
(2)
2clk
82
t
REQLBRL
DREQ low to BR low
(3)(4)
2clk
83
t
CHBRL
Clock high to BR low
(3)(4)
30
ns
84
tCHBRZ
Clock high to BR high impedance
(3)(4)
30
ns
85
t
BKLBRZ
BGACK low to BR high impedance
(3)(4)
30
ns
86
t
CHBKL
Clock high to BGACK low
30
ns
87
tABHBKL
AS and BGACK high (the latest one) to BGACK low (when
BG is asserted)
1.5
2.5
+ 30
clk
ns
88
t
BGLBKL
AS low to BGACK low (no other bus master)
(3)(4)
2.5
+ 30
clk
ns
89
t
BRHBGH
BR high impedance to BG high
(3)(4)
0ns
90
t
CLBKLAL
Clock on which BGACK low to clock on which AS low
2
2
clk
91
tCHBKH
Clock high to BGACK high
30
ns
92
t
CLBKZ
Clock low to BGACK high impedance
15
ns
93
t
CHACKL
Clock high to DACK low
30
ns
94
tCLACKH
Clock high to DACK high
30
ns
95
t
CHDNL
Clock high to DONE low (output)
30
ns
96
t
CLDNZ
Clock low to DONE high impedance
30
ns
97
t
DNLTCH
DONE input low to clock high (asynchronous setup)
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com