Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F1010 Datasheet(PDF) 87 Page - Microchip Technology

Part # DSPIC30F1010
Description  28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F1010 Datasheet(HTML) 87 Page - Microchip Technology

Back Button DSPIC30F1010 Datasheet HTML 83Page - Microchip Technology DSPIC30F1010 Datasheet HTML 84Page - Microchip Technology DSPIC30F1010 Datasheet HTML 85Page - Microchip Technology DSPIC30F1010 Datasheet HTML 86Page - Microchip Technology DSPIC30F1010 Datasheet HTML 87Page - Microchip Technology DSPIC30F1010 Datasheet HTML 88Page - Microchip Technology DSPIC30F1010 Datasheet HTML 89Page - Microchip Technology DSPIC30F1010 Datasheet HTML 90Page - Microchip Technology DSPIC30F1010 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 286 page
background image
TABLE 7-1:
NVM REGISTER MAP
File Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit
11
Bit
10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All RESETS
NVMCON
0760
WR
WREN
WRERR
—
—
—
—TWRI
—
PROGOP<6:0>
0000 0000 0000 0000
NVMADR
0762
NVMADR<15:0>
uuuu uuuu uuuu uuuu
NVMADRU
0764
—
—
—
—
—
—
—
—
NVMADR<23:16>
0000 0000 uuuu uuuu
NVMKEY
0766
—
—
—
—
—
—
—
—
KEY<7:0>
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com