Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV013 Datasheet(PDF) 71 Page - SPANSION

Part # S29GL01GS11DFIV013
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV013 Datasheet(HTML) 71 Page - SPANSION

Back Button S29GL01GS11DFIV013 Datasheet HTML 67Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 68Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 69Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 70Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 71Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 72Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 73Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 74Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
71
Data
She e t
9.
Electrical Specifications
9.1
Absolute Maximum Ratings
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, input or I/O pins may undershoot VSS to -2.0V for periods of
up to 20 ns. See Figure 9.3 on page 73. Maximum DC voltage on input or I/O pins is VCC +0.5V. During voltage transitions, input or I/O
pins may overshoot to VCC +2.0V for periods up to 20 ns. See Figure 9.4 on page 73
2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
3. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
9.2
Latchup Characteristics
This product complies with JEDEC standard JESD78C latchup testing requirements.
9.3
Operating Ranges
9.3.1
Temperature Ranges
Industrial (I) Devices
Ambient Temperature (TA)
-40°C to +85°C
9.3.2
Power Supply Voltages
VCC
2.7V to 3.6V
VIO
1.65V to VCC + 200 mV
Operating ranges define those limits between which the functionality of the device is guaranteed.
9.3.3
Power-Up and Power-Down
During power-up or power-down VCC must always be greater than or equal to VIO (VCC ≥ VIO).
The device ignores all inputs until a time delay of tVCS has elapsed after the moment that VCC and VIO both
rise above, and stay above, the minimum VCC and VIO thresholds. During tVCS the device is performing power
on reset operations.
During power-down or voltage drops below VCC Lockout maximum (VLKO), the VCC and VIO voltages must
drop below VCC Reset (VRST) minimum for a period of tPD for the part to initialize correctly when VCC and VIO
again rise to their operating ranges. See Figure 9.2 on page 72. If during a voltage drop the VCC stays above
VLKO maximum the part will stay initialized and will work correctly when VCC is again above VCC minimum. If
the part locks up from improper initialization, a hardware reset can be used to initialize the part correctly.
Normal precautions must be taken for supply decoupling to stabilize the VCC and VIO power supplies. Each
device in a system should have the VCC and VIO power supplies decoupled by a suitable capacitor close to
the package connections (this capacitor is generally on the order of 0.1 µF). At no time should VIO be greater
then 200 mV above VCC (VCC ≥ VIO - 200 mV).
Table 9.1 Absolute Maximum Ratings
Storage Temperature Plastic Packages
-65°C to +150°C
Ambient Temperature with Power Applied
-65°C to +125°C
Voltage with Respect to Ground
All pins other than RESET# (Note 1)
-0.5V to (VIO + 0.5V)
RESET# (Note 1)
-0.5V to (VCC + 0.5V)
Output Short Circuit Current (Note 2)
100 mA
VCC
-0.5V to +4.0V
VIO
-0.5V to +4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com