Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV013 Datasheet(PDF) 20 Page - SPANSION

Part # S29GL01GS11DFIV013
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV013 Datasheet(HTML) 20 Page - SPANSION

Back Button S29GL01GS11DFIV013 Datasheet HTML 16Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 17Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 18Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 19Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 20Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 21Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 22Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 23Page - SPANSION S29GL01GS11DFIV013 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 106 page
background image
20
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
There is no command in the Persistent Protection method to set the PPB Lock bit therefore the PPB Lock bit
will remain at 0 until the next power-off or hardware reset. The Persistent Protection method allows boot code
the option of changing sector protection by programming or erasing the PPB, then protecting the PPB from
further change for the remainder of normal system operation by clearing the PPB Lock bit. This is sometimes
called Boot-code controlled sector protection.
The Password method clears the PPB Lock bit to 0 during POR or Hardware Reset to protect the PPB. A 64-
bit password may be permanently programmed and hidden for the password method. A command can be
used to provide a password for comparison with the hidden password. If the password matches the PPB Lock
bit is set to 1 to unprotect the PPB. A command can be used to clear the PPB Lock bit to 0.
The selection of the PPB Lock management method is made by programming OTP bits in the Lock Register
so as to permanently select the method used.
The Lock Register also contains OTP bits, for protecting the SSR.
The PPB bits are erased so that all main flash array sectors are unprotected when shipped from Spansion.
The Secured Silicon Region can be factory protected or left unprotected depending on the ordering option
(model) ordered.
3.4.3
PPB Lock
The Persistent Protection Bit Lock is a volatile bit for protecting all PPB bits. When cleared to 0, it locks all
PPBs and when set to 1, it allows the PPBs to be changed. There is only one PPB Lock Bit per device.
The PPB Lock command is used to clear the bit to 0. The PPB Lock Bit must be cleared to 0 only after all the
PPBs are configured to the desired settings.
In Persistent Protection mode, the PPB Lock is set to 1 during POR or a hardware reset. When cleared, no
software command sequence can set the PPB Lock, only another hardware reset or power-up can set the
PPB Lock bit.
In the Password Protection mode, the PPB Lock is cleared to 0 during POR or a hardware reset. The PPB
Lock can only set to 1 by the Password Unlock command sequence. The PPB Lock can be cleared by the
PPB Lock Bit Clear command.
3.4.4
Persistent Protection Bits (PPB)
The Persistent Protection Bits (PPB) are located in a separate nonvolatile flash array. One of the PPB bits is
assigned to each sector. When a PPB is 0 its related sector is protected from program and erase operations.
The PPB are programmed individually but must be erased as a group, similar to the way individual words may
be programmed in the main array but an entire sector must be erased at the same time. Preprogramming and
verification prior to erasure are handled by the EAC.
Programming a PPB bit requires the typical word programming time. During a PPB bit programming operation
or PPB bit erasing, Data polling Status DQ6 Toggle Bit I will toggle until the operation is complete. Erasing all
the PPBs requires typical sector erase time.
If the PPB Lock is 0, the PPB Program or erase commands do not execute and time-out without programming
or erasing the PPB.
The protection state of a PPB for a given sector can be verified by executing a PPB Status Read command
when entered in the PPB ASO.
3.4.5
Dynamic Protection Bits (DYB)
Dynamic Protection Bits are volatile and unique for each sector and can be individually modified. DYBs only
control protection for sectors that have their PPBs erased. By issuing the DYB Set or Clear command
sequences, the DYB are set to 0 or cleared to 1, thus placing each sector in the protected or unprotected
state respectively, if the PPB for the Sector is 1. This feature allows software to easily protect sectors against
inadvertent changes, yet does not prevent the easy removal of protection when changes are needed.
The DYB can be set to 0 or cleared to 1 as often as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com