| Electronic Components Datasheet Search |
|
LTC1290CCSW Datasheet(PDF) 15 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1290CCSW Datasheet(HTML) 15 Page - Linear Technology |
|
15 / 32 page ![]() 15 LTC1290 1290fe S APPLICATI I FOR ATIO Microprocessor Interfaces The LTC1290 can interface directly (without external hard- ware) to most popular microprocessor (MPU) synchro- nous serial formats (see Table 2). If an MPU without a serial interface is used, then four of the MPU’s parallel port lines can be programmed to form the serial link to the LTC1290. Included here are two serial interface examples and one example showing a parallel port programmed to form the serial interface Serial Port Microprocessors Most synchronous serial formats contain a shift clock (SCLK) and two data lines, one for transmitting and one for receiving. In most cases data bits are transmitted on the falling edge of the clock (SCLK) and captured on the rising edge. However, serial port formats vary among MPU manufactures as to the smallest number of bits that can be sent in one group (e.g., 4-bit, 8-bit or 16-bit transfers). They also vary as to the order in which the bits are transmitted (LSB or MSB first). The following examples show how the LTC1290 accommodates these differences. Figure 4. CS Low During Conversion (CS Must go High to Low Once to Insure Proper Operation in this Mode) B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 SHIFT RESULT OUT AND NEW ADDRESS IN SCLK CS DOUT DIN tSMPL SAMPLE ANALOG INPUT SHIFT MUX ADDRESS IN LTC1290 F04 48 TO 52 ACLK CYC SCLK MUST REMAIN LOW DON’T CARE Figure 3. CS High During Conversion B11 B10 B9B8B7B6B5B4B3B2B1B0 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 SHIFT RESULT OUT AND NEW ADDRESS IN SCLK CS DOUT DIN tSMPL SAMPLE ANALOG INPUT SHIFT MUX ADDRESS IN LTC1290 F03 48 TO 52 ACLK CYC DON’T CARE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |