| Electronic Components Datasheet Search |
|
LTC1290CCSW Datasheet(PDF) 31 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1290CCSW Datasheet(HTML) 31 Page - Linear Technology |
|
31 / 32 page ![]() 31 LTC1290 1290fe SW Package 20-Lead Plastic Small Outline (Wide .300 Inch) (Reference LTC DWG # 05-08-1620) PACKAGE DESCRIPTIO S20 (WIDE) 0502 NOTE 3 .496 – .512 (12.598 – 13.005) NOTE 4 20 N 19 18 17 16 15 14 13 1 23 4 5 6 78 .394 – .419 (10.007 – 10.643) 910 N/2 11 12 .037 – .045 (0.940 – 1.143) .004 – .012 (0.102 – 0.305) .093 – .104 (2.362 – 2.642) .050 (1.270) BSC .014 – .019 (0.356 – 0.482) TYP 0 ° – 8° TYP NOTE 3 .009 – .013 (0.229 – 0.330) .016 – .050 (0.406 – 1.270) .291 – .299 (7.391 – 7.595) NOTE 4 × 45° .010 – .029 (0.254 – 0.737) .420 MIN .325 ±.005 RECOMMENDED SOLDER PAD LAYOUT .045 ±.005 N 12 3 N/2 .050 BSC .030 ±.005 TYP .005 (0.127) RAD MIN INCHES (MILLIMETERS) NOTE: 1. DIMENSIONS IN 2. DRAWING NOT TO SCALE 3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS. THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS 4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm) Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of circuits as described herein will not infringe on existing patent rights. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |