Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS3451 Datasheet(PDF) 17 Page - Amphenol Corporation

Part # MS3451
Description  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3451 Datasheet(HTML) 17 Page - Amphenol Corporation

Back Button MS3451 Datasheet HTML 13Page - Amphenol Corporation MS3451 Datasheet HTML 14Page - Amphenol Corporation MS3451 Datasheet HTML 15Page - Amphenol Corporation MS3451 Datasheet HTML 16Page - Amphenol Corporation MS3451 Datasheet HTML 17Page - Amphenol Corporation MS3451 Datasheet HTML 18Page - Amphenol Corporation MS3451 Datasheet HTML 19Page - Amphenol Corporation MS3451 Datasheet HTML 20Page - Amphenol Corporation MS3451 Datasheet HTML 21Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
16
250˚
A
B
C
D
E
F
G
H
I
J
A
B
D
C
A
B
C
D
E
F
G
H
A
B
C
D
E
F
A
B
C
D
E
F
G
H
A
B
C
D
E
A
B
C
D
EG
F
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
A
B
C
D
E
F
G
H
I
A
B
C
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
A
B
C
D
A
B
C
D
E
F
G
H
I
J
K
L
M
N
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
18-24
18-27
18-28
20-2
20-4
20-7
Service Rating
B, C, F, G = A; Bal. = Inst.
D
D
D
D
A, B, G, H = D; C, D, E, F = A
Number of Contacts
10
2
1
2
1
1
4
8
Contact Size
16
12
16
12
16
0
12
16
Insert Arrangement
20-8*
20-9*
20-14
20-15
20-16
20-17
Service Rating
Inst.
H = D; Bal. = A
A
A
A
A
Number of Contacts
2
41
72
3
7
2
75
1
Contact Size
8
16
12
16
8
12
12
12
16
12
16
Insert Arrangement
20-18
20-19
20-21
20-22
20-24
20-27
Service Rating
AAAA
AA
Number of Contacts
3
6
3
1
8
3
3
2
2
14
Contact Size
12
16
8
12
16
8
16
8
16
16
CONTACT LEGEND
16
12
8
4
0
250° Rotation
of 18-1
100° Rotation
of 18-5
250° Rotation
of 18-5
* Consult Amphenol, Sidney, NY for availability.
A
B
C
100˚
A
B
C
250˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com