Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS3451 Datasheet(PDF) 21 Page - Amphenol Corporation

Part # MS3451
Description  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3451 Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button MS3451 Datasheet HTML 17Page - Amphenol Corporation MS3451 Datasheet HTML 18Page - Amphenol Corporation MS3451 Datasheet HTML 19Page - Amphenol Corporation MS3451 Datasheet HTML 20Page - Amphenol Corporation MS3451 Datasheet HTML 21Page - Amphenol Corporation MS3451 Datasheet HTML 22Page - Amphenol Corporation MS3451 Datasheet HTML 23Page - Amphenol Corporation MS3451 Datasheet HTML 24Page - Amphenol Corporation MS3451 Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
20
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
J
K
L
M
I
N
P
R
S
T
U
V
W
X
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
100˚
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
AB
C D
E
F G
H
J
K
L
M
PR
S
T
N
W
X
Y
Z
U
V
a
b
c
d
e
f
g
h
j
k
m
l
A
B
C
D
E
F
G
H
J
K
L
M
P
Q
R
S
T
U
V
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
AB
C
E
G
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
N
P
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
TU
V
W
X
Z
a
b
c
d
e
f
g
h
j
k
m
n
p
rs
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
28-9
28-10
28-11
28-12
Service Rating
D
G = D, Bal. = A
A
A
Number of Contacts
6
6
2
2
3
4
18
26
Contact Size
12
16
4
8 12
12
16
16
Insert Arrangement
28-13
28-15
28-16**
28-17
Service Rating
A
A
A
R = B; M, N, P = D; Bal. = A
Number of Contacts
26
35
20
15
Contact Size
16
16
16
16
Insert Arrangement
28-18*
28-19*
28-20
28-21
Service Rating
M = C; G, H, J, K, L = D; A, B = A; Bal. = Inst.
H, M = B; A, B = D; Bal. = A
A
A
Number of Contacts
12
4
6
10
4
37
Contact Size
16
12
16
12
16
16
CONTACT LEGEND
16
12
8
4
0
* Consult Amphenol, Sidney, NY for availability.
** Inactive for new design
100° Rotation
of 28-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com