Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3872EMP-2.5/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3872EMP-2.5/NOPB
Description  LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872EMP-2.5/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP3872EMP-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3872EMP-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
2
3
4
5
SD
VIN
VOUT
ERROR
/SENSE
GND
LP3872, LP3875
SNVS227F – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
*SD must be pulled high through a 10k
Ω pull-up resistor. See application hints for more information.
CONNECTION DIAGRAM
Figure 1. 5-Pin TO-220 (Top View)
Figure 2. 5-+Pin DDPAK/TO-263 (Top View)
See NDH0005D Package
See KTT Package
Figure 3. 5-Pin SOT-223 (Top View)
See NDC0005A Package
Table 1. Pin Descriptions for TO-220 and DDPAK/TO-263 Packages
LP3872
LP3875
Pin #
Name
Function
Name
Function
1
SD
Shutdown
SD
Shutdown
2
VIN
Input Supply
VIN
Input Supply
3
GND
Ground
GND
Ground
4
VOUT
Output Voltage
VOUT
Output Voltage
5
ERROR
ERROR Flag
SENSE
Remote Sense Pin
Table 2. Pin Descriptions for SOT-223 Package
LP3872
LP3875
Pin #
Name
Function
Name
Function
1
SD
Shutdown
SD
Shutdown
2
VIN
Input Supply
VIN
Input Supply
3
VOUT
Output Voltage
VOUT
Output Voltage
4
ERROR
ERROR Flag
SENSE
Remote Sense Pin
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3872 LP3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com