Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3248TMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3248TMX/NOPB
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248TMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3248TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
SYSTEM CHARACTERISTICS (BUCK) (continued)
The following spec table entries are specified by design and verification providing the component values in the Typical
Application Diagram are used: L = 1.5 µH (TOKO 1285AS-H-1R5N); CIN = 10 µF (Murata GRM155R61A106A); and COUT =
10 µF + 4.7 µF (Murata GRM155R61A106A, GRM155R61A475MEAA) + 4 x 1.0 µF (Murata GRM033R60J105M). These
parameters are not verified by production testing.
(1) Min and Max values are specified over the ambient temperature
range TA = −30°C ≤ TA ≤ +90°C. Typical values are specified at VBATT = 3.8V and TA = 25°C unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Ripple voltage at no pulse
VOUT = 0.4V to 3.6V, ROUT = 2.2Ω,
4
10
skipping condition
2G mode (4)
VBATT = 4.2V to dropout,
Ripple voltage at pulse skipping
VOUT_RIPPLE
VOUT = 3.6V, ROUT = 2.2Ω,
14
20
mVpp
condition
2G mode (4)
VOUT = 1.0V,
PFM ripple voltage
9
15
IOUT = 40 mA
(4)
VBATT = 3.6V to 4.2V,
VLINE-TR
Line transient response
TR = TF = 10 µs,
70
VOUT = 1.0V, IOUT = 600 mA
mVpk
VOUT = 3.0V,
VLOAD-TR
Load transient response
TR = TF = 10 µs, IOUT = 0A to 1.2A,
150
2G mode
VBATT = 3.2V, VOUT = 1.0V,
FSW_PFM
Minimum PFM frequency
100
kHz
IOUT = 10 mA
(4)
Ripple voltage should be measured at COUT node on a well-designed PC board, using suggested inductor and capacitors. Ripple
voltage is defined as the maximum peak-to-peak output voltage variation measured over a 100 µs period.
SYSTEM CHARACTERISTICS (BOOST-BUCK)
See SYSTEM CHARACTERISTICS (BOOST) and SYSTEM CHARACTERISTICS (BUCK) for test conditions.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VBATT = 4.0V, VOUT = 3.4V,
86
IOUT = 2A (2G, PWM mode)
VBATT = 4.0V, VOUT = 2.5V,
89
IOUT = 800 mA (2G, PWM mode)
VBATT = 4.0V, VOUT = 3.0V,
93
IOUT = 400 mA (2G, PWM mode)
VBATT = 3.4V, VOUT = 4.0V,
90
IOUT = 850 mA (3G/4G, PWM mode)
VBATT = 3.4V, VOUT = 3.0V,
η
Boost-Buck Efficiency
94
%
IOUT = 500 mA (3G/4G, PWM mode)
VBATT = 3.4V, VOUT = 2.5V,
90
IOUT = 70 mA (3G/4G, PFM mode)
VBATT = 3.4V, VOUT = 0.9V,
86
IOUT = 200 mA (3G/4G, PWM mode)
VBATT = 3.6V, VOUT = 3.3V,
92
IOUT = 20 mA (3G/4G PFM mode)
VBATT = 3.4V, VOUT = 0.6V,
78
IOUT = 20 mA (3G/4G, PFM mode)
VBATT = 2.7, 3.2V. RLOAD = 11.4Ω,
Time for VOUT to rise from 0.4V
VCON = 0.16V to 1.6V; Trise = Tfall = 1 µs
to 4.0V (93% or 3.75V)
MODE = 2G (HIGH)
TRESPONSE
15
µs
VBATT = 2.7, 3.2V. RLOAD = 11.4Ω,
Time for VOUT to fall from 4.0V
VCON = 1.6V to 0.16V; Trise = Tfall = 1 µs
to 0.4V (7% or 0.65V)
MODE = 2G (HIGH)
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com