Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3248TMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3248TMX/NOPB
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248TMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3248TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3248TMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
VCON
IOUT
1V/DIV
500mV/DIV
200mA/DIV
20µS/DIV
TRISE = 6.8µS
TFALL = 6.2µS
VOUT
IOUT
10mV/DIV
20mA/DIV
20µS/DIV
VOUT_AC
ENA
1V/DIV
2V/DIV
500mV/DIV
BOOST_GATE
20µS/DIV
2V/DIV
VCON
VOUT
VBUCK_OUT
VCON
IOUT
1V/DIV
500mV/DIV
50mA/DIV
20µS/DIV
TRISE = 7.8µS
TFALL = 7.6µS
40µS/DIV
1A/DIV
2V/DIV
2V/DIV
SW_BUCK
VOUT
IL (Buck)
ENA
1V/DIV
2V/DIV
500mV/DIV
BOOST_GATE
2V/DIV
VCON
VOUT
20µS/DIV
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS (continued)
For all Efficiency vs Load Current graphs, L1=1276AS-H-1R0N, L3=1285AS-H-1R5N.
Startup in Auto-Boost Mode
VBATT=2.7V, Load=200 mA, MODE=2G, VOUT=0.4↔4V,
Timed Output Current Limit into Short Circuit
TR=TF=10µS
VBATT=4.3V, VOUT=2.5V, Load=6.8Ω/Short to GND
Figure 21.
Figure 22.
VCON Transient Response
VCON Transient with Boost Active
VBATT=3.8V, VOUT= 0.8V↔3.3V, MODE=LOW
VBATT=3.2V, MODE=2G, VOUT= 0.4↔4 V, Load=11.4Ω
BOOST_GATE=LOW, Load=20
Ω, TR=TF=10µS
Figure 23.
Figure 24.
VCON Transient Response
VCON Transient Response
VBATT=3.8V, VOUT= 1.4V↔3.4V, MODE=LOW
VBATT=3.8V, VOUT=1.0V, MODE=LOW
BOOST_GATE=LOW, Load=6.8
Ω, TR=TF=10µS
BOOST_GATE=LOW, Load=0A
↔60mA, TR=TF=10µS
Figure 25.
Figure 26.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com