Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM10524TME-A/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM10524TME-A/NOPB
Description  LM10524 Triple Buck Power Management Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10524TME-A/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM10524TME-A/NOPB Datasheet HTML 1Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 2Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 3Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 4Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 5Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 6Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 7Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 8Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
C1
47uF
L3
1.0uH
1.1 to 3.6V, 1.6A
0.7 to 1.95V, 2.5A
C6
4.7uF
L1
2.2uH
BUCK1
BUCK2
BUCK3
SPI
SW_B3
FB_B3
VIN_B3
FB_B2
SW_B2
VIN_B2
SW_B1
VIN_B1
FB_B1
SPI_CS
SPI_CLK
SPI_DO
SPI_DI
VIN
IRQ
Vcomp
L2
2.2uH
1.1 to 3.6V, 1.0A
C7
4.7uF
C5
4.7uF
C8
2.2uF
Host 3
Domain
Vcore
1.0V
Host 1
Flash
Vcc
2.85V
ASIC / SoC
Host 2
Domain
Vccq
1.8V
LM10524
System
Control
C2
47uF
C3
47uF
COMP
DEVSLP_OVR2
DEVSLP_OVR1
VIN_IO
C4
2.2uF
IO Input
Supply
DEVSLP
POWERUP_MODE
DEVSLP_ CTRL
PWR_OK
Power Supply
3.3 / 5.5V
SLEEP_EN
LM10524
SNVS986A – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
Typical Application Diagram
2
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM10524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com