Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM10524TME-A/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM10524TME-A/NOPB
Description  LM10524 Triple Buck Power Management Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10524TME-A/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM10524TME-A/NOPB Datasheet HTML 17Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 18Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 19Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 20Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 21Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 22Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 23Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 24Page - Texas Instruments LM10524TME-A/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
SW
LM10524
U1
COUT
CONTROL
PVIN
PGND
FB
CIN
L
P
N
S
S
D
D
G
G
GND
LM10524
www.ti.com
SNVS986A – AUGUST 2013 – REVISED JANUARY 2014
ADDR 0x0B: Comparator Threshold Mapping
Voltage code
Voltage
Voltage code
Voltage
6h'00
2.000
6h'20
3.016
6h'01
2.032
6h'21
3.048
6h'02
2.064
6h'22
3.080
6h'03
2.095
6h'23
3.111
6h'04
2.127
6h'24
3.143
6h'05
2.159
6h'25
3.175
6h'06
2.191
6h'26
3.207
6h'07
2.222
6h'27
3.238
6h'08
2.254
6h'28
3.270
6h'09
2.286
6h'29
3.302
6h'0A
2.318
6h'2A
3.334
6h'0B
2.349
6h'2B
3.365
6h'0C
2.381
6h'2C
3.397
6h'0D
2.413
6h'2D
3.429
6h'0E
2.445
6h'2E
3.461
6h'0F
2.476
6h'2F
3.492
6h'10
2.508
6h'30
3.524
6h'11
2.540
6h'31
3.556
6h'12
2.572
6h'32
3.588
6h'13
2.603
6h'33
3.619
6h'14
2.635
6h'34
3.651
6h'15
2.667
6h'35
3.683
6h'16
2.699
6h'36
3.715
6h'17
2.730
6h'37
3.746
6h'18
2.762
6h'38
3.778
6h'19
2.794
6h'39
3.810
6h'1A
2.826
6h'3A
3.842
6h'1B
2.857
6h'3B
3.873
6h'1C
2.889
6h'3C
3.905
6h'1D
2.921
6h'3D
3.937
6h'1E
2.953
6h'3E
3.969
6h'1F
2.984
6h'3F
4.000
Buck Regulators Operation
A buck converter contains a control block, a switching PFET connected between input and output, a synchronous
rectifying NFET connected between the output and ground and a feedback path. The figure below shows the
block diagram of each of the three buck regulators integrated in the device.
Figure 18. Buck Functional Diagram
Copyright © 2013–2014, Texas Instruments Incorporated
21
Product Folder Links: LM10524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com