Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC61C0901PR Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC61C0901PR
Description  Low Voltage Detectors Standard Voltage Detectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C0901PR Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC61C0901PR Datasheet HTML 9Page - Torex Semiconductor XC61C0901PR Datasheet HTML 10Page - Torex Semiconductor XC61C0901PR Datasheet HTML 11Page - Torex Semiconductor XC61C0901PR Datasheet HTML 12Page - Torex Semiconductor XC61C0901PR Datasheet HTML 13Page - Torex Semiconductor XC61C0901PR Datasheet HTML 14Page - Torex Semiconductor XC61C0901PR Datasheet HTML 15Page - Torex Semiconductor XC61C0901PR Datasheet HTML 16Page - Torex Semiconductor XC61C0901PR Datasheet HTML 17Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
XC61C
Series
MARK
CONFIGURATION
VOLTAGE (V)
A
CMOS
0.X
B
CMOS
1.X
C
CMOS
2.X
D
CMOS
3.X
E
CMOS
4.X
F
CMOS
5.X
H
CMOS
6.X
MARK
CONFIGURATION
VOLTAGE (V)
K
N-ch
0.X
L
N-ch
1.X
M
N-ch
2.X
N
N-ch
3.X
P
N-ch
4.X
R
N-ch
5.X
S
N-ch
6.X
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
X.0
5
X.5
1
X.1
6
X.6
2
X.2
7
X.7
3
X.3
8
X.8
4
X.4
9
X.9
MARK
DELAY TIME
PRODUCT SERIES
3
No Delay Time
XC61Cxxx0xxx
①
represents integer of detect voltage and
CMOS Output (XC61CC series)
■
MARKING RULE
●
SSOT-24, SOT-23, SOT-89
①
②
④
12
3
4
①
②
③ ④
12
3
12
3
N-Channel Open Drain Output (XC61CN series)
②
represents decimal number of detect voltage
③
represents delay time
(Except for SSOT-24)
④
represents production lot number
Based on the internal standard. (G, I, J, O, Q, W excluded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com