Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC61C0901PR Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC61C0901PR
Description  Low Voltage Detectors Standard Voltage Detectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C0901PR Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC61C0901PR Datasheet HTML 9Page - Torex Semiconductor XC61C0901PR Datasheet HTML 10Page - Torex Semiconductor XC61C0901PR Datasheet HTML 11Page - Torex Semiconductor XC61C0901PR Datasheet HTML 12Page - Torex Semiconductor XC61C0901PR Datasheet HTML 13Page - Torex Semiconductor XC61C0901PR Datasheet HTML 14Page - Torex Semiconductor XC61C0901PR Datasheet HTML 15Page - Torex Semiconductor XC61C0901PR Datasheet HTML 16Page - Torex Semiconductor XC61C0901PR Datasheet HTML 17Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16/17
XC61C Series
MARK
②
③
VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
OUTPUT
CONFIGURATION
C
CMOS
N
N-ch
MARK
DELAY TIME
0
No delay
MARK
DETECT VOLTAGE ACCURACY
1
Within ± 1% (Semi-custom)
2
Within ± 2%
MARK
PRODUCTION YEAR
5
2005
6
2006
■
MARKING RULE (Continued)
⑥
represents a least significant digit of production year
●
TO-92
⑦
represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excluded)
* No character inversion used.
①
represents output configuration
②
, ③ represents detect voltage (ex.)
④
represents delay time
⑤
represents detect voltage accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com