Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTP16A80H Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTP16A80H
Description  3 Quadrants Standard TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTP16A80H Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTP16A80H Datasheet HTML 1Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 2Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 3Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 4Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 5Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
70
80
90
100
110
120
130
180
o
150
o
120
o
90
o
60
o
R.M.S. on state current, I
T(RMS) [A]
30
o
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
0
2
4
6
8
10
12
14
16
18
20
22
30
o
60
o
90
o
120
o
150
o
R.M.S. on state current, I
T(RMS) [A]
180
o
10
0
10
1
10
2
0
20
40
60
80
100
120
140
160
180
200
50Hz
60Hz
Time [cycles]
10
0
10
1
10
2
10
3
10
4
10
-1
10
0
10
1
25[
oC]
I
+GT1
I
-GT1
I
-GT3
P
G(AV)(1W)
P
GM(5W)
V
GD
Gate current, I
G [mA]
-50
-25
0
25
50
75
100
125
150
0
1
2
Junction temperature, T
J [
oC]
I
+GT1
I
-GT1
I
-GT3
-50
-25
0
25
50
75
100
125
150
0
1
2
Junction temperature, T
J [
oC]
V
+GT1
V
-GT1
V
-GT3
Typical Characteristics
Fig 1. R.M.S. current vs. Power dissipation
Fig 2. R.M.S. current vs. Case temperature
Fig 3. Gate power characteristics
Fig 4. Surge on state current rating
(Non-repetitive)
Fig 5. Gate trigger current vs.
junction temperature
Fig 6. Gate trigger voltage vs.
junction temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com