Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTW-191TL Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTW-191TL
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-191TL Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTW-191TL Datasheet HTML 1Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 2Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 3Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 4Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 5Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 6Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 7Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 8Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Bin Code List
Part
No. : LTW-191TL
Page :
5
of
11
BNS-OD-C131/A4
VF Spec. Table
Forward Voltage
(V) at IF = 20mA
VF Bin
Min.
Max.
2
2.80
3.00
3
3.00
3.20
4
3.20
3.40
5
3.40
3.60
6
3.60
3.80
Tolerance on each Forward Voltage bin is +/-0.1 volt
IV Spec. Table
Luminous Intensity (mcd) at IF = 20mA
IV Bin
Min.
Max.
S
180.0
280.0
T
280.0
450.0
Tolerance on each Luminous Intensity bin is +/- 15%.
Hue Spec. Table
Color bin limits at IF = 20mA
Hue Bin
CIE 1931Chromaticity coordinates
x
0.280
0.296
0.283
0.264
A0
y
0.248
0.276
0.305
0.267
x
0.287
0.307
0.304
0.283
B3
y
0.295
0.315
0.330
0.305
x
0.307
0.330
0.330
0.304
B4
y
0.315
0.339
0.360
0.330
x
0.296
0.311
0.307
0.287
B5
y
0.276
0.294
0.315
0.295
x
0.311
0.330
0.330
0.307
B6
y
0.294
0.318
0.339
0.315
x
0.330
0.356
0.361
0.330
C0
y
0.318
0.351
0.385
0.360
Tolerance on each Hue (x, y) bin is +/- 0.01.
C. I. E. 1931 Chromaticity Diagram
0.2
0.25
0.3
0.35
0.4
0.25
0.27
0.29
0.31
0.33
0.35
0.37
X-coordinate
A0
B3
B4
B6
B5
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com