Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTW-191TL Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTW-191TL
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-191TL Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTW-191TL Datasheet HTML 1Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 2Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 3Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 4Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 5Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 6Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 7Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 8Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Features
* Super thin (0.55H mm) Chip LED.
* Ultra bright InGaN White Chip LED.
* Package in 8mm tape on 7" diameter reels.
* Compatible with automatic placement equipment.
* Compatible with infrared and vapor phase reflow solder process.
* EIA STD package.
* I.C. compatible.
Package
Dimensions
Part No.
Lens
Emitted Color
LTW-191TL
Yellow
InGaN White
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part
No. : LTW-191TL
Page :
1
of
11
BNS-OD-C131/A4


Similar Part No. - LTW-191TL

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-191TL2 LITEON-LTW-191TL2 Datasheet
655Kb / 11P
Property of Lite-On Only
LTW-191TL5 LITEON-LTW-191TL5 Datasheet
600Kb / 11P
Property of Lite-On Only
More results

Similar Description - LTW-191TL

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com