Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95160-WDW6TP Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95160-WDW6TP
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-WDW6TP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95160-WDW6TP Datasheet HTML 12Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 13Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 14Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 15Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 16Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 17Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 18Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 19Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Instructions
M95160 M95160-W M95160-R M95160-DF
16/47
DocID022580 Rev 5
6
Instructions
Each command is composed of bytes (MSBit transmitted first), initiated with the instruction
byte, as summarized in Table 3.
If an invalid instruction is sent (one not contained in Table 3), the device automatically enters
a Wait state until deselected.
For read and write commands to memory array and Identification Page, the address is
defined by two bytes as explained in Table 4.
Table 3. Instruction set
Instruction
Description
Instruction
format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
RDID(1)
1.
Instruction available only for the M95160-D device.
Read Identification Page
1000 0011
WRID(1)
Write Identification Page
1000 0010
RDLS(1)
Reads the Identification Page lock status
1000 0011
LID(1)
Locks the Identification page in read-only mode
1000 0010
Table 4. Significant bits within the two address bytes(1)(2)
Instructions
MSB Address byte
LSB Address byte
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
READ or
WRITE
x
xxxx
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
RDID or
WRID(3)
00
000000
000
A4
A3
A2
A1
A0
RDLS or
LID(3)
00
000100
00000
000
1.
A: Significant address bit.
2.
x: bit is Don’t Care.
3.
Instruction available only for the M95160-D device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com