Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95160-WDW6TP Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95160-WDW6TP
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-WDW6TP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95160-WDW6TP Datasheet HTML 24Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 25Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 26Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 27Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 28Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 29Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 30Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 31Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Instructions
M95160 M95160-W M95160-R M95160-DF
28/47
DocID022580 Rev 5
6.9
Read Lock Status (available only in M95160-D devices)
The Read Lock Status (RDLS) instruction is used to read the lock status.
To send this instruction to the device, Chip Select (S) first has to be driven low. The bits of
the instruction byte and address bytes are then shifted in (MSB first) on Serial Data input
(D). Address bit A10 must be 1; all other address bits are Don't Care (it might be easier to
define these bits as 0, as shown in Table 4). The Lock bit is the LSB (Least Significant Bit) of
the byte read on Serial Data output (Q). It is at ‘1’ when the lock is active and at ‘0’ when the
lock is not active. If Chip Select (S) continues to be driven low, the same data byte is shifted
out.
The read cycle is terminated by driving Chip Select (S) high. The instruction sequence is
shown in Figure 17.
The Read Lock Status instruction is not accepted and not executed if a Write cycle is
currently in progress.
Figure 17. Read Lock Status sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com