Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8903 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 1 Page - STMicroelectronics

  PM8903 Datasheet HTML 1Page - STMicroelectronics PM8903 Datasheet HTML 2Page - STMicroelectronics PM8903 Datasheet HTML 3Page - STMicroelectronics PM8903 Datasheet HTML 4Page - STMicroelectronics PM8903 Datasheet HTML 5Page - STMicroelectronics PM8903 Datasheet HTML 6Page - STMicroelectronics PM8903 Datasheet HTML 7Page - STMicroelectronics PM8903 Datasheet HTML 8Page - STMicroelectronics PM8903 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
February 2012
Doc ID 022748 Rev 1
1/34
34
PM8903
3 A step-down monolithic switching regulator
Features
Integrated 35 m
Ω MOSFETs for high efficiency
3 A continuous output current
2.8 V to 6 V input voltage (VIN)
2.9 V to 5.5 V supply voltage (VCC)
Adjustable output voltage down to 0.6 V
1% output voltage accuracy
1.1 MHz switching frequency operation
PSKIP mode to optimize light load efficiency
Embedded bootstrap diode
Thermally compensated loss-less current
sense across HS and LS MOSFETs
OV/UV/OC and overtemperature protection
Internal soft-start and soft-stop
Interleaving synchronization (Up to 2 ICs)
Power Good output
Shutdown function (<15
μA quiescent current)
VFQFPN16 3 x 3 mm compact package
Applications
Subsystem power supply
CPU, DSP and FPGA power supply
Distributed power supply
General DC-DC converters
Description
The PM8903 is a high efficiency monolithic step-
down switching regulator designed to deliver up to
3 A continuous current. The IC operates from 2.8
V to 6 V input voltage (VIN).
The PM8903 features low-resistance integrated
nMOS and proprietary pulse-skipping mode for
optimum efficiency over all the loading range.
The voltage mode control loop allows the widest
range of output filter. Current sense is internally
thermally compensated for optimum precision.
The integrated 0.6 V reference allows the
regulation of output voltages with ±1% accuracy
over temperature variations. Switching frequency
is typically set to 1.1 MHz and can be
programmed to 0.8 MHz or 1.0 MHz. Out of phase
synchronization allows the reduction of input RMS
current.
The PM8903 provides precise dual-threshold
overcurrent protection as well as over /
undervoltage and overtemperature protection.
PGOOD output easily provides real-time
information on the output voltage.
The PM8903 is available in VFQFPN16 3 x 3 mm.
VFQFPN16 3x3 mm
Table 1.
Device summary
Order codes
Package
Packing
PM8903
VFQFPN16 3x3 mm
Tube
PM8903TR
VFQFPN16 3x3 mm
Tape and reel
www.st.com


Similar Part No. - PM8903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
PM8903ATR STMICROELECTRONICS-PM8903ATR Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
More results

Similar Description - PM8903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
3 A DC step-down switching regulator
01-Mar-2012
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com